Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-P022 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPEAR-09-P022
Description  SPEAr??Plus600 dual processor cores
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-P022 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPEAR-09-P022 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 19Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 21Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 22Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 23Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Pin description
SPEAR-09-P022
20/40
Note:
PU means pull up and PD means pull down
LVDS
I/F
PH8n
B11
Input
General purpose I/O
with LVDS transceiver
LVDS receiver
DIGITAL_REXT
E11
Output
Configuration
Analog
3.3 V capable
Table 2.
Pin description by functional group (continued)
Group
Signal name
Ball
Direction
Function
Pin type
Table 3.
Power supply
Signal name
Ball
Value
GND
J9, J10, J11, J12, J13, J14, K9, K10, K11, K12, K13, K14, L9,
L10, L11, L12, L13, L14, M9, M10, M11, M12, M13, M14, N9,
N10, N11, N12, N13, N14, P9, P10, P11, P12, P13, P14,
M18, N18, P18, T5, V6, N2, R1, U2, T4, W3, W2, Y3, AA3,
V5, U5, V17, U17, A10, E12
0 V
AGND
V16
0 V
VDD3
J6, H6, F8, F9, F16, H17, K17, L17, N17, P17, M6, F17
3.3 V
VDD
G6, L6, G17, M17, R17, F10, F13, F15, J17, T6, U13, U10,
U16
1.0 V
HOST2_VDDbc
N1
2.5 V
HOST2_VDDbs
N3
1.0 V
HOST2_VDDb3
R3
3.3 V
HOST1_VDDbc
P3
2.5 V
HOST1_VDDbs
R2
1.0 V
HOST1_VDDb3
R3
3.3 V
DEVICE_VDDbc
U1
2.5 V
DEVICE_VDDbs
U3
1.0 V
DEVICE_VDDb3
T3
3.3 V
USB_PLL_VDDp
V3
1.0 V
USB_PLL_VDDp2v5
W1
2.5 V
MCLK_VDD
AA1
1.0 V
MCLK_VDD2v5
AA2
2.5 V
DITH_VDD2v5
V4
2.5 V
DITH_VDD
U6
1.0 V
SSTL_VDDe
U7, U8, U9, U11, U12, U14, U15
1.8/2.5 V
ADC_AVDD
W16
2.5 V
DDR_PLL_AVDD
W17
2.5 V
DDR_PLL_VDD
T17
1.0 V
LVDS_VDD
F11, F12, F14
2.5 V
RTC_VDD
B10
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com