Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92124CR2QC Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 67Page - STMicroelectronics ST92124CR2QC Datasheet HTML 68Page - STMicroelectronics ST92124CR2QC Datasheet HTML 69Page - STMicroelectronics ST92124CR2QC Datasheet HTML 70Page - STMicroelectronics ST92124CR2QC Datasheet HTML 71Page - STMicroelectronics ST92124CR2QC Datasheet HTML 72Page - STMicroelectronics ST92124CR2QC Datasheet HTML 73Page - STMicroelectronics ST92124CR2QC Datasheet HTML 74Page - STMicroelectronics ST92124CR2QC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 426 page
background image
71/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Figure 42. ST92F124/F150 Internal Memory Map (128K versions)
SEGMENT 1h
64 Kbytes
FLASH - 128 Kbytes
SEGMENT 0h
64 Kbytes
01FFFFh
01C000h
01BFFFh
018000h
017FFFh
014000h
010000h
013FFFh
00FFFFh
00C000h
00BFFFh
008000h
007FFFh
004000h
000000h
003FFFh
PAGE 7h - 16 Kbytes
PAGE 0h - 16 Kbytes
PAGE 1h - 16 Kbytes
PAGE 2h - 16 Kbytes
PAGE 3h - 16 Kbytes
PAGE 4h - 16 Kbytes
PAGE 5h - 16 Kbytes
PAGE 6h - 16 Kbytes
SECTOR F0
8 Kbytes
Not Available
SECTOR F1
8 Kbytes
SECTOR F2
48 Kbytes
SECTOR F3 *
64 Kbytes
SEGMENT 3h
64 Kbytes
SEGMENT 2h
64 Kbytes
03FFFFh
03C000h
03BFFFh
038000h
037FFFh
034000h
030000h
033FFFh
02FFFFh
02C000h
02BFFFh
028000h
027FFFh
024000h
020000h
023FFFh
PAGE Fh - 16 Kbytes
PAGE 8h- 16 Kbytes
PAGE 9h - 16 Kbytes
PAGE Ah - 16 Kbytes
PAGE Bh - 16 Kbytes
PAGE Ch - 16 Kbytes
PAGE Dh- 16 Kbytes
PAGE Eh - 16 Kbytes
Reserved Area- 128 Kbytes
RAM
SEGMENT 20h
64 Kbytes
200000h
20FFFFh
20C000h
20BFFFh
208000h
207FFFh
204000h
203FFFh
PAGE 80h - 16 Kbytes
PAGE 81h - 16 Kbytes
PAGE 82h - 16 Kbytes
PAGE 83h - 16 Kbytes
200000h
2017FFh
200FFFh
4 Kbytes
6 Kbytes
2 Kbytes
2007FFh
* Available on ST92F150 versions only. Reserved area on ST92F124 version.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com