Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92124CR2QC Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 47Page - STMicroelectronics ST92124CR2QC Datasheet HTML 48Page - STMicroelectronics ST92124CR2QC Datasheet HTML 49Page - STMicroelectronics ST92124CR2QC Datasheet HTML 50Page - STMicroelectronics ST92124CR2QC Datasheet HTML 51Page - STMicroelectronics ST92124CR2QC Datasheet HTML 52Page - STMicroelectronics ST92124CR2QC Datasheet HTML 53Page - STMicroelectronics ST92124CR2QC Datasheet HTML 54Page - STMicroelectronics ST92124CR2QC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 426 page
background image
51/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
3.2 FUNCTIONAL DESCRIPTION
3.2.1 Structure
The memory is composed of three parts:
– a sector wih the system routines (TestFlash) and
the user OTP area
– 4 main sectors for code
– an emulated EEPROM
124 bytes are available to the user as an OTP ar-
ea. The user can program these bytes, but cannot
erase them.
3.2.2 EEPROM Emulation
A hardware EEPROM emulation is implemented
using special flash sectors to emulate an EEP-
ROM memory. This E3 TM is directly addressed
from 220000h to 2203FFh.
(For more details on hardware EEPROM emula-
tion, see application note AN1152)
Table 7. Memory Structure for 64K Flash device
Table 8. Memory Structure for 128K Flash device
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 001FFFh
8 Kbytes
Flash 1 (F1)
002000h to 003FFFh
8 Kbytes
Flash 2 (F2)
004000h to 00FFFFh
48 Kbytes
Hardware Emulated EEPROM sectors
(reserved)
228000h to 22CFFFh
8 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 001FFFh
8 Kbytes
Flash 1 (F1)
002000h to 003FFFh
8 Kbytes
Flash 2 (F2)
004000h to 00FFFFh
48 Kbytes
Flash 3 (F3)
010000h to 01FFFFh
64 Kbytes
Hardware Emulated EEPROM sectors
(reserved)
228000h to 22CFFFh
8 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com