Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92124CR2QC Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 55Page - STMicroelectronics ST92124CR2QC Datasheet HTML 56Page - STMicroelectronics ST92124CR2QC Datasheet HTML 57Page - STMicroelectronics ST92124CR2QC Datasheet HTML 58Page - STMicroelectronics ST92124CR2QC Datasheet HTML 59Page - STMicroelectronics ST92124CR2QC Datasheet HTML 60Page - STMicroelectronics ST92124CR2QC Datasheet HTML 61Page - STMicroelectronics ST92124CR2QC Datasheet HTML 62Page - STMicroelectronics ST92124CR2QC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 426 page
background image
59/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
3.4 WRITE OPERATION EXAMPLE
Each operation (both Flash and E3 TM) is activated
by a sequence of instructions like the following:
OR
FCR, #OPMASK ;Operation selection
LD
ADD1, #DATA1 ;1st Add and Data
LD
ADD2, #DATA2 ;2nd Add and Data
..
...., ......
LD
ADDn, #DATAn ;nth Add and Data
;n range = (1 to 16)
OR
FCR, #80h
;Operation start
The first instruction is used to select the desired
operation by setting its corresponding selection bit
in the Control Register (FCR for Flash operations,
ECR for E3 TM operations).
The load instructions are used to set the address-
es (in the Flash or in the E3 TM memory space) and
the data to be modified.
The last instruction is used to start the write oper-
ation, by setting the start bit (FWMS for Flash op-
erations, EWMS for E3 TM operation) in the Control
register.
Once selected, but not yet started, one operation
can be cancelled by resetting the operation selec-
tion bit. Any latched address and data will be reset.
Warning: during the Flash Page Program or the E3
TM Page Update operation it is forbidden to change
the page address: only the last page address is ef-
fectively kept and all programming will effect only
that page.
A summary of the available Flash and E3 TM write
operations are shown in the following tables:
Table 11. Flash Write Operations
Table 12. E3 TM Write Operations
Operation
Selection bit
Addresses and Data
Start bit
Typical Duration
Byte Program
FBYTE
1 byte
FWMS
10
µs
Page Program
FPAGE
From 1 to 16 bytes
FWMS
160
µs (16 bytes)
Sector Erase
FSECT
From 1 to 4 sectors
FWMS
1.5 s (1 sector)
Sector Erase Suspend
FSUSP
None
None
15
µs
Chip Erase
FCHIP
None
FWMS
3 s
Set Protection
PROT
From 1 to 4 bytes
FWMS
40
µs (4 bytes)
Operation
Selection bit
Addresses and Data
Start bit
Typical Duration
Page Update
EPAGE
From 1 to 16 bytes
EWMS
30 ms
Chip Erase
ECHIP
None
EWMS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com