Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92124CR2QC Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 76Page - STMicroelectronics ST92124CR2QC Datasheet HTML 77Page - STMicroelectronics ST92124CR2QC Datasheet HTML 78Page - STMicroelectronics ST92124CR2QC Datasheet HTML 79Page - STMicroelectronics ST92124CR2QC Datasheet HTML 80Page - STMicroelectronics ST92124CR2QC Datasheet HTML 81Page - STMicroelectronics ST92124CR2QC Datasheet HTML 82Page - STMicroelectronics ST92124CR2QC Datasheet HTML 83Page - STMicroelectronics ST92124CR2QC Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 426 page
background image
80/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
22
I2C_1*
R240
I2DCCR
I2C Control Register
00
272
R241
I2CSR1
I2C Status Register 1
00
273
R242
I2CSR2
I2C Status Register 2
00
275
R243
I2CCCR
I2C Clock Control Register
00
276
R244
I2COAR1
I2C Own Address Register 1
00
276
R245
I2COAR2
I2C Own Address Register 2
00
277
R246
I2CDR
I2C Data Register
00
277
R247
I2CADR
I2C General Call Address
A0
277
R248
I2CISR
I2C Interrupt Status Register
xx
278
R249
I2CIVR
I2C Interrupt Vector Register
xx
279
R250
I2CRDAP
Receiver DMA Source Addr. Pointer
xx
279
R251
I2CRDC
Receiver DMA Transaction Counter
xx
279
R252
I2CTDAP
Transmitter DMA Source Addr. Pointer
xx
280
R253
I2CTDC
Transmitter DMA Transaction Counter
xx
280
R254
I2CECCR
Extended Clock Control Register
00
280
R255
I2CIMR
I2C Interrupt Mask Register
x0
281
23
JBLPD*
R240
STATUS
Status Register
40
304
R241
TXDATA
Transmit Data Register
xx
305
R242
RXDATA
Receive Data Register
xx
306
R243
TXOP
Transmit Opcode Register
00
306
R244
CLKSEL
System Frequency Selection Register
00
311
R245
CONTROL
Control Register
40
311
R246
PADDR
Physical Address Register
xx
312
R247
ERROR
Error Register
00
313
R248
IVR
Interrupt Vector Register
xx
315
R249
PRLR
Priority Level Register
10
315
R250
IMR
Interrupt Mask Register
00
315
R251
OPTIONS
Options and Register Group Selection
00
317
R252
CREG0
Current Register 0
xx
319
R253
CREG1
Current Register 1
xx
319
R254
CREG2
Current Register 2
xx
319
R255
CREG3
Current Register 4
xx
319
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com