| Electronic Components Datasheet Search |
|
7547 Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7547 Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 91 page ![]() 7547 Group Rev.1.21 Nov 15, 2006 page 14 of 89 REJ03B0156-0121 Table 6 I/O port function table Pin P00(LED00)/CAP0 P01(LED01)/CMP0 P02(LED02)/CMP1 P03(LED03)/TXOUT P04(LED04)/RxD2 P05(LED05)/TxD2 P06(LED06)/SCLK2 P07(LED07)/SRDY2 P10/RxD1/CAP0 P11/TxD1 P12/SCLK1 P13/SRDY1 P14/CNTR0 P20/AN0–P27/AN7 P30(LED10)/CAP1 P31(LED11)/CMP2 P32(LED12)/CMP3 P33(LED13)/INT1 P34(LED14) P35(LED15) P36(LED16)/INT1 P37(LED17)/INT0 I/O format •CMOS compatible input level (Note 1) •CMOS 3-state output Non-port function • Capture function input • Key input interrupt • Compare function output • Key input interrupt • Timer X function output • Key input interrupt • Serial I/O2 function input/output • Key input interrupt • Serial I/O1 function input • Capture function input • Serial I/O1 function input/output • Timer X function input/output • External interrupt input • A/D conversion input • Capture function input • Compare function output • External interrupt input • External interrupt input SFRs related each pin Capture/Compare port register Interrupt edge selection register Pull-up control register Port P0P3 drive capacity control register Capture/Compare port register Pull-up control register Port P0P3 drive capacity control register Timer X mode register Pull-up control register Port P0P3 drive capacity control register Serial I/O2 control register Interrupt edge selection register Pull-up control register Port P0P3 drive capacity control register Serial I/O2 control register Pull-up control register Port P0P3 drive capacity control register Serial I/O2 control register Interrupt edge selection register Pull-up control register Port P0P3 drive capacity control register Serial I/O2 control register Pull-up control register Port P0P3 drive capacity control register Serial I/O1 control register Capture/Compare port register Port P1P3 control register Serial I/O1 control register Serial I/O1 control register Port P1P3 control register Serial I/O1 control register Port P1P3 control register Timer X mode register A/D control register Capture/Compare port register Pull-up control register Port P0P3 drive capacity control register Capture/Compare port register Pull-up control register Port P0P3 drive capacity control register Interrupt edge selection register Pull-up control register Port P0P3 drive capacity control register Pull-up control register Port P0P3 drive capacity control register Interrupt edge selection register Pull-up control register Port P0P3 drive capacity control register Port P1P3 control register Diagram No. (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) (17) (18) (19) Notes 1: Ports P10, P12, P13, P36, and P37 are CMOS/TTL level. Name I/O port P0 I/O port P1 I/O port P2 I/O port P3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |