Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 33Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 34Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 35Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 36Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 37Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 38Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 39Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 40Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 9 of 1164
REJ09B0321-0200
1.3
Block Diagram
The block diagram of this LSI is shown in figure 1.1.
RES input
MRES input
NMI input
IRQ input
PINT input
Timer pulse I/O
Compare match output
External counter clock input
External counter reset input
RTC_X1 input
RTC_X2 output
Serial I/O
I2C bus I/O
Analog input
ADTRG input
Analog output
JTAG I/O
Serial I/O
Audio clock input
CAN bus I/O
SH-2A CPU
core
Floating-point
unit (FPU)
Instruction cache
memory (8 kbytes)
Operand cache
memory (8 kbytes)
Cache controller
On-chip
RAM
(32 kbytes)
User break
controller
(UBC)
CPU instruction fetch bus (F bus)
CPU memory access bus (M bus)
Internal bus (I bus)
AUDRST input
AUDSYNC input
AUDCK input
AUDMD input
AUDATA I/O
Advanced user
debugger-II
(AUD-II)
UBCTRG
output
Bus bridge
External
bus I/O
External bus
width
mode input
Bus state
controller
(BSC)
On-chip
peripheral
module bus 1
controller
On-chip
peripheral
module bus 2
controller
Bus
monitor
Direct memory
access controller
(DMAC)
DREQ input
DACK output
DACT output
DTEND output
On-chip peripheral
module bus 1
On-chip peripheral module bus 2
Pin function
controller
(PFC)
I/O port
Clock pulse
generator
(CPG)
Watchdog
timer
(WDT)
Interrupt
controller
(INTC)
Multi-function
timer pulse
unit 2
(MTU2)
8-bit timer
(TMR)
Realtime
clock
(RTC)
General I/O
EXTAL input
XTAL output
CKIO I/O
Clock mode input
WDTOVF output
Internal CPU bus
Internal DMA write bus
Internal DMA read bus
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
User debugging
interface
(H-UDI)
Power-down
mode control
D/A
converter
(DAC)
A/D
converter
(ADC)
Controller
area network
(RCAN-ET)
Serial sound
interface
(SSI)
I2C bus
interface 3
(IIC3)
Serial
communication
interface with
FIFO (SCIF)
CPU bus
(C bus)
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com