| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 17 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function CTx0, CTx1 O CAN bus transmit data Output pin for transmit data on the CAN bus Controller area network (RCAN-ET) CRx0, CRx1 I CAN bus receive data Output pin for receive data on the CAN bus AN7 to AN0 I Analog input pins Analog input pins A/D converter ADTRG I A/D conversion trigger input External trigger input pin for starting A/D conversion D/A converter DA1, DA0 O Analog output pins Analog output pins AVcc I Analog power supply Power supply pins for the A/D converter and D/A converter AVref I Analog reference power supply Reference voltage input pin for the A/D converter and D/A converter Analog power supply AVss I Analog ground Ground pins for the A/D converter and D/A converter I/O ports PA31 to PA0 I/O General port 32-bit general I/O port pins PB31 to PB0 I/O General port 32-bit general I/O port pins PC25 to PC22 I General port 4-bit general input port pins PC21 to PC0 I/O General port 22-bit general I/O port pins PD16 to PD15 I General port 2-bit general input port pins PD14 to PD0 I/O General port 15-bit general I/O port pins PE7 to PE0 I General port 8-bit general input port pins PF7 to PF0 I/O General port 8-bit general I/O port pins UDTCK* I Test clock Test-clock input pin UDTMS* I Test mode select Test-mode select signal input pin UDTDI* I Test data input Serial input pin for instructions and data UDTDO O Test data output Serial output pin for instructions and data User debugging interface (H-UDI) UDTRST* I Test reset Initialization-signal input pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |