| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 56 Page - Renesas Technology Corp |
|
56 / 1196 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 28 of 1164 REJ09B0321-0200 (9) T Bit The T bit in the status register (SR) changes according to the result of the comparison. Whether a conditional branch is taken or not taken depends upon the T bit condition (true/false). The number of instructions that change the T bit is kept to a minimum to improve the processing speed. Table 2.4 T Bit SH-2A CPU Description Example of Other CPU CMP/GE R1,R0 BT TRGET0 BF TRGET1 T bit is set when R0 ≥ R1. The program branches to TRGET0 when R0 ≥ R1 and to TRGET1 when R0 < R1. CMP.W R1,R0 BGE TRGET0 BLT TRGET1 ADD # −1,R0 CMP/EQ #0,R0 BT TRGET T bit is not changed by ADD. T bit is set when R0 = 0. The program branches if R0 = 0. SUB.W #1,R0 BEQ TRGET (10) Immediate Data Byte immediate data is located in an instruction code. Word or longword immediate data is not located in instruction codes but in a memory table. The memory table is accessed by an immediate data transfer instruction (MOV) using the PC relative addressing mode with displacement. With the SH-2A, 17- to 28-bit immediate data can be located in an instruction code. However, for 21- to 28-bit immediate data, an OR instruction must be executed after the data is transferred to a register. Table 2.5 Immediate Data Accessing Classification SH-2A CPU Example of Other CPU 8-bit immediate MOV #H'12,R0 MOV.B #H'12,R0 16-bit immediate MOVI20 #H'1234,R0 MOV.W #H'1234,R0 20-bit immediate MOVI20 #H'12345,R0 MOV.L #H'12345,R0 28-bit immediate MOVI20S #H'12345,R0 OR #H'67,R0 MOV.L #H'1234567,R0 32-bit immediate MOV.L @(disp,PC),R0 ................. .DATA.L H'12345678 MOV.L #H'12345678,R0 Note: @(disp, PC) accesses the immediate data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |