| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 12 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function PLLVCC I Power supply for PLL Power supply for the on-chip PLL oscillator. This LSI does not operate correctly if this pin is left open. Power supply PLLVSS I Ground for PLL Ground pin for the on-chip PLL oscillator. This LSI does not operate correctly if this pin is left open. EXTAL I XTAL O Crystal resonator/ external clock Pin connected to a crystal resonator. An external clock signal may also be input to the EXTAL pin. Clock CKIO I/O System clock I/O Input pin for an external clock or output pin for supplying the system clock to external devices Operating mode control MD1, MD0 I Mode set Pins to set the operating mode. Do not change signal levels on these pins during operation. MD_CLK1, MD_CLK0 I Clock mode set Pins to set the clock operating mode. Do not change signal levels on these pins during operation. ASEMD I Debugging mode This pin is valid when the E10A-USB emulator is in use. Otherwise, fix the signal level on this pin high. System control RES I Power-on reset This LSI enters the power-on reset state when this signal goes low. MRES I Manual reset This LSI enters the manual reset state when this signal goes low. WDTOVF O Watchdog timer overflow An overflow signal from the WDT is output on this pin. ASEBRKAK O Break mode acknowledge Indicates that the E10A-USB emulator has entered its break mode. ASEBRK* I Break request E10A-USB emulator break input pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |