Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 134Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 135Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 136Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 137Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 138Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 139Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 140Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 141Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 110 of 1164
REJ09B0321-0200
The FPU exception flag field (Flag) of FPSCR is always updated regardless of whether or not an
FPU exception has been accepted, and remains set until explicitly cleared by the user through an
instruction. The FPU exception source field (Cause) of FPSCR changes each time an FPU
instruction is executed.
When the V bit in the FPU exception enable field (Enable) of FPSCR is set and the QIS bit in
FPSCR is also set, FPU exception is generated when qNAN or
±∞ is input to a floating point
operation instruction source.
5.8
When Exception Sources Are Not Accepted
When an address error, bus error, FPU exception, register bank error (overflow), or interrupt is
generated immediately after a delayed branch instruction, it is sometimes not accepted
immediately but stored instead, as shown in table 5.11. When this happens, it will be accepted
when an instruction that can accept the exception is decoded.
Table 5.11
Exception Source Generation Immediately after Delayed Branch Instruction
Exception Source
Point of Occurrence
Address
Error
Bus Error
FPU
Exception
Register
Bank Error
(Overflow)
Interrupt
Immediately after a
delayed branch
instruction*
Not accepted
Not accepted Not accepted Not accepted Not accepted
Note:
*
Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com