| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 289 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 289 Page - Renesas Technology Corp |
|
289 / 1196 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 261 of 1164 REJ09B0321-0200 (10) Mode Register Setting Writing to the SDRAMm mode register (SDmMOD) causes mode register set commands and extended mode register set commands to be issued to the various channels. Settings to the SDRAMm mode register (SDmMOD) should be made individually for each channel. Figure 9.23 shows the operation timing for mode register setting. CKIO DSL: Deselect command MRS: Mode register set command EMRS: Extended mode register set command SDRAM command Mode register setting cycle Extended mode register setting cycle MRS DSL DSL EMRS DSL DSL 3 cycles (fixed) 3 cycles (fixed) Figure 9.23 Operation Timing for Mode Register Setting (11) Clock Stop Control Signal SDRAMC outputs a clock stop control signal (CLKSTOP). CLKSTOP can be enabled or disabled using the DCKSEN bit in the SDRAM clock stop control signal setting register (SDCKSCNT). The CLKSTOP signal remains low level when the clock stop control signal is disabled. When clock stop control signal is enabled, the CLKSTOP and CKIO signals operate in conjunction with transition to and recovery from deep-power-down mode. During a transition to deep-power-down mode, the CLKSTOP signal goes high after the deep- power-down entry command is issued. During a recovery from deep-power-down mode, the CLKSTOP signal goes low and a deep-power-down exit command is issued when the clearing of the DDPD bit to 0 is accepted by SDRAMC and the CKIO starts operation. DCKSC, the period between the change of CLKSTOP along with CKIO and the issuance of deep power-down entry or exit command, can be set by the SDRAM clock stop control signal setting register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |