Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 584 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 584 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 580Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 581Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 582Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 583Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 584Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 585Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 586Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 587Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 560 of 1200
REJ09B0344-0200
10.7.13
Counter Value during Complementary PWM Mode Stop
When counting operation is suspended with TCNT_3 and TCNT_4 in complementary PWM
mode, TCNT_3 has the timer dead time register (TDDR) value, and TCNT_4 is held at H'0000.
When restarting complementary PWM mode, counting begins automatically from the initialized
state. This explanatory diagram is shown in figure 10.130.
When counting begins in another operating mode, be sure that TCNT_3 and TCNT_4 are set to
the initial values.
TGRA_3
TCDR
TDDR
H'0000
TCNT_3
TCNT_4
Complementary PWM
mode operation
Complementary PWM
mode operation
Counter
operation stop
Complementary
PMW restart
Figure 10.130 Counter Value during Complementary PWM Mode Stop
10.7.14
Buffer Operation Setting in Complementary PWM Mode
In complementary PWM mode, conduct rewrites by buffer operation for the PWM cycle setting
register (TGRA_3), timer cycle data register (TCDR), and duty setting registers (TGRB_3,
TGRA_4, and TGRB_4).
In complementary PWM mode, channel 3 and channel 4 buffers operate in accordance with bit
settings BFA and BFB of TMDR_3. When TMDR_3's BFA bit is set to 1, TGRC_3 functions as a
buffer register for TGRA_3. At the same time, TGRC_4 functions as the buffer register for
TGRA_4, and TCBR functions as the TCDR's buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com