Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 585Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 586Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 587Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 588Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 589Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 590Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 591Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 592Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 565 of 1200
REJ09B0344-0200
10.7.20
Output Level in Complementary PWM Mode and Reset-Synchronized PWM Mode
When channels 3 and 4 are in complementary PWM mode or reset-synchronized PWM mode, the
PWM waveform output level is set with the OLSP and OLSN bits in the timer output control
register (TOCR). In the case of complementary PWM mode or reset-synchronized PWM mode,
TIOR should be set to H'00.
10.7.21
Interrupts in Module Standby Mode
If module standby mode is entered when an interrupt has been requested, it will not be possible to
clear the CPU interrupt source or the DMAC activation source. Interrupts should therefore be
disabled before entering module standby mode.
10.7.22
Simultaneous Capture of TCNT_1 and TCNT_2 in Cascade Connection
When timer counters 1 and 2 (TCNT_1 and TCNT_2) are operated as a 32-bit counter in cascade
connection, the cascade counter value cannot be captured successfully even if input-capture input
is simultaneously done to TIOC1A and TIOC2A or to TIOC1B and TIOC2B. This is because the
input timing of TIOC1A and TIOC2A or of TIOC1B and TIOC2B may not be the same when
external input-capture signals to be input into TCNT_1 and TCNT_2 are taken in synchronization
with the internal clock. For example, TCNT_1 (the counter for upper 16 bits) does not capture the
count-up value by overflow from TCNT_2 (the counter for lower 16 bits) but captures the count
value before the count-up. In this case, the values of TCNT_1 = H'FFF1 and TCNT_2 = H'0000
should be transferred to TGRA_1 and TGRA_2 or to TGRB_1 and TGRB_2, but the values of
TCNT_1 = H'FFF0 and TCNT_2 = H'0000 are erroneously transferred.
The MTU2 additionally supports the function that can capture TCNT_1 and TCNT_2
simultaneously via a single input capture input. This function allows 32-bit counter fetches
without TCNT_1 and TCNT_2 capture timing deviation. For details, see section 10.3.8, Timer
Input Capture Control Register (TICCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com