Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 586Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 587Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 588Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 589Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 590Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 591Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 592Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 593Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 566 of 1200
REJ09B0344-0200
10.8
MTU2 Output Pin Initialization
10.8.1
Operating Modes
The MTU2 has the following six operating modes. Waveform output is possible in all of these
modes.
• Normal mode (channels 0 to 4)
• PWM mode 1 (channels 0 to 4)
• PWM mode 2 (channels 0 to 2)
• Phase counting modes 1 to 4 (channels 1 and 2)
• Complementary PWM mode (channels 3 and 4)
• Reset-synchronized PWM mode (channels 3 and 4)
The MTU2 output pin initialization method for each of these modes is described in this section.
10.8.2
Reset Start Operation
The MTU2 output pins (TIOC*) are initialized low by a reset and in standby mode. Since MTU2
pin function selection is performed by the pin function controller (PFC), when the PFC is set, the
MTU2 pin states at that point are output to the ports. When MTU2 output is selected by the PFC
immediately after a reset, the MTU2 output initial level, low, is output directly at the port. When
the active level is low, the system will operate at this point, and therefore the PFC setting should
be made after initialization of the MTU2 output pins is completed.
Note:
Channel number and port notation are substituted for *.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com