Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 587Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 588Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 589Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 590Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 591Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 592Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 593Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 594Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 567 of 1200
REJ09B0344-0200
10.8.3
Operation in Case of Re-Setting Due to Error During Operation, etc.
If an error occurs during MTU2 operation, MTU2 output should be cut by the system. Cutoff is
performed by switching the pin output to port output with the PFC and outputting the inverse of
the active level. For large-current pins, output can also be cut by hardware, using port output
enable (POE). The pin initialization procedures for re-setting due to an error during operation, etc.,
and the procedures for restarting in a different mode after re-setting, are shown below.
The MTU2 has six operating modes, as stated above. There are thus 36 mode transition
combinations, but some transitions are not available with certain channel and mode combinations.
Possible mode transition combinations are shown in table 10.59.
Table 10.59 Mode Transition Combinations
After
Before
Normal
PWM1
PWM2
PCM
CPWM
RPWM
Normal
(1)
(2)
(3)
(4)
(5)
(6)
PWM1
(7)
(8)
(9)
(10)
(11)
(12)
PWM2
(13)
(14)
(15)
(16)
None
None
PCM
(17)
(18)
(19)
(20)
None
None
CPWM
(21)
(22)
None
None
(23) (24)
(25)
RPWM
(26)
(27)
None
None
(28)
(29)
[Legend]
Normal: Normal mode
PWM1: PWM mode 1
PWM2: PWM mode 2
PCM:
Phase counting modes 1 to 4
CPWM: Complementary PWM mode
RPWM: Reset-synchronized PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com