Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1210 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1210 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1206Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1186 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
27.3 DC Characteristics
Table 27.3 DC
Characteristics (1)
[Common Items]
1084
Table amended
Item
Min.
Typ.
Max.
Symbol
Current
consumption*1
Input leakage
current
−
200
310
560
ICC
Normal operation
−−
1
|Iin |
All input pins (except
PF0, PF1)
Three-state
leakage
current
−−
1
|ISTI|
Input/output pins, all
output pins (off state)
Input
capacitance
−−
10
Cin
All pins
−−
1
PF0, PF1
−
−
−
60
100
Isleep
Sleep mode
Istby
0.1
1
PIstby
Software standby
mode
Caution amended
Caution: When neither the A/D converter nor the D/A
converter is in use, set V
CC ≤ AVCC ≤ 5.0 V ± 0.5 V
and AV
SS = VSS, and do not leave the AVCC, AVSS,
AVREF, and AVREFV
SS pins open.
Table 27.3 DC
Characteristics (2)
[Except for I
2C -Related
Pins]
1085
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ =
0 V, Ta =
−40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com