Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1211 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1211 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1214Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1211 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1187 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
27.3 DC Characteristics
Table 27.3 DC
Characteristics (2)
[Except for I
2C -Related
Pins]
1086,
1087
Table amended
Item
Symbol
Min.
Typ. Max. Unit Test Conditions
Output high
voltage
TIOC3B (PB18),
TIOC3D (PB19)
TIOC4A to TIOC4D
(PB4 to PB7)
TIOC3BS (PB21),
TIOC3DS (PB20)
TIOC4AS to TIOC4DS
(PB12, PB13, PB10,
PB11)
VOH
VCCQ
− 0.8
V
IOH =
− 5 mA
−−
All output pins except
for above pins
VCCQ
− 0.5
V
IOH =
− 200 μA
−−
Output low
voltage
TIOC3B (PB18),
TIOC3D (PB19)
TIOC4A to TIOC4D
(PB4 to PB7)
TIOC3BS (PB21),
TIOC3DS (PB20)
TIOC4AS to TIOC4DS
(PB12, PB13, PB10,
PB11)
VOL
−
V
IOL = 15 mA
−
0.9
All output pins except
for above pins
−
VIOL = 2 mA
−
0.4
Table 27.3 DC
Characteristics (3) [I
2C-
Related Pins*]
1087
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V,
V
SS = PLLVSS = VSSQ =
0 V, Ta =
−40°C to +85°C
Table amended
Item
Symbol
Min.
Typ. Max.
Unit
Test Conditions
Input high voltage
Input low voltage
VIH
VIL
VCCQ
× 0.7
− 0.3
V
V
−
−
VCCQ
+ 0.3
PVCC
× 0.3
Table 27.4 Permissible
Output Currents
1088
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V, V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com