Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1213 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1213 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1214Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1215Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1216Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1213 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1189 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
27.4.1 Clock Timing
Figure 27.3 CKL Clock
Input Timing
−
Figure deleted
1093
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V,
V
SS = PLLVSS = VSSQ =
0 V, Ta =
−40°C to +85°C
27.4.2 Control Signal
Timing
Table 27.7 Control
Signal Timing
Table amended
Item
Symbol
Min.
Max.
Unit
B
φ = 40 MHz
MD1, MD0 setup time
tMDS
20
−
tcyc
Notes amended
Notes: 2. In standby mode or when the clock multiplication
ratio is changed, t
RESW = tOSC2 (Min. 10 ms).
3. In standby mode, t
RESW = tOSC2 (Min. 10 ms).
27.4.3 Bus Timing
Table 27.8 Bus Timing
1096
Conditions amended
Conditions: Clock mode 6, V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ
= 3.0 V to 3.6 V, V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to
+85°C
1097
Table amended
Item
Symbol
Min.
Max.
B
φ = 40 MHz*
Read data hold time 2
tRDH2
2
−
27.4.4 UBC Trigger
Timing
Table 27.9 UBC Trigger
Timing
1126
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.5 DMAC Module
Timing
Table 27.10 DMAC
Module Timing
1126
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.6 MTU2, MTU2S
Module Timing
Table 27.11 MTU2,
MTU2S Module Timing
1128
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com