Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1212 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1212 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1214Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1215Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1212 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1188 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
27.3 DC Characteristics
Table 27.4 Permissible
Output Currents
1088
Table amended
TIOC3B (PB18),
TIOC3D (PB19)
TIOC4A to TIOC4D
(PB4 to PB7)
TIOC3BS (PB21),
TIOC3DS (PB20)
TIOC4AS to TIOC4DS
(PB12, PB13, PB10,
PB11)
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low
current (per pin)
TIOC3B (PB18),
TIOC3D (PB19)
TIOC4A to TIOC4D
(PB4 to PB7)
TIOC3BS (PB21),
TIOC3DS (PB20)
TIOC4AS to TIOC4DS
(PB12, PB13, PB10,
PB11)
IOL
−
15
mA
SCL, SDA
10
mA
Output pins other
than above
2
mA
−
Permissible output low current (total)
ΣIOL
−
80
mA
−
−−
Permissible output high
current (per pin)
−IOH
−
5
mA
Output pins other
than above
2mA
−
−−
Permissible output high current (total)
Σ−IOH
−
25
mA
−
27.4 AC Characteristics
Table 27.5 Maximum
Operating Frequency
1089
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V,
V
SS = PLLVSS = VSSQ =
0 V, Ta =
−40°C to +85°C
Table amended
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Operating
frequency
CPU (I
φ)
f
32
160
MHz
−
Internal bus, external bus
(B
φ)
32
40
−
Peripheral module (P
φ)
4
40
−
27.4.1 Clock Timing
Table 27.6 Clock
Timing
1090
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V,
V
SS = PLLVSS = VSSQ =
0 V, Ta =
−40°C to +85°C
Table amended
Item
Symbol
Min.
Max.
Unit
Figure
EXTAL clock input frequency
EXTAL clock input cycle time
EXTAL clock input pulse low width
EXTAL clock input pulse high width
EXTAL clock input rise time
EXTAL clock input fall time
fEX
tEXcyc
tEXL
tEXH
tEXr
tEXf
8
100
6
6
−
−
10
125
−
−
3
3
MHz
ns
ns
ns
ns
ns
Figure 27.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com