Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1214 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1214 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1214Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1215Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1216Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1217Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1214 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1190 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
27.4.7 POE2 Module
Timing
Table 27.12 POE2
Module Timing
1129
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.8 Watchdog Timer
Timing
Table 27.13 Watchdog
Timer Timing
1129
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.9 SCIF Module
Timing
Table 27.14 SCIF
Module Timing
1130
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.10 IIC3 Module
Timing
Table 27.15 I
2C Bus
Interface 3 Timing
1131
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.11 A/D Trigger
Input Timing
Table 27.16 A/D
Trigger Input Timing
1132
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.12 I/O Port Timing
Table 27.17 I/O Port
Timing
1133
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.13 H-UDI Related
Pin Timing
Table 27.18 H-UDI
Related Pin Timing
1134
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 to 1.6 V, VCCQ = 3.0 to 3.6 V,
V
SS = PLLVSS = VSSQ = 0 V, Ta = −40°C to +85°C
27.4.14 AC
Characteristics
Measurement Conditions
1136
Description amended
• I/O signal reference level: V
CCQ/2 (VCCQ = 3.0 to 3.6 V,
V
CC = PLLVCC = 1.4 to 1.6 V)
Figure 27.53 Output
Load Circuit
Notes amended
Notes: 2. I
OL and IOH are shown in table 27.4.
27.6 D/A Converter
Characteristics
Table 27.20 D/A
Converter
Characteristics
1138
Conditions amended
Conditions: V
CC = PLLVCC = 1.4 V to 1.6 V, VCCQ = 3.0 V to
3.6 V, AV
CC = 4.5 V to 5.5 V, VSS = PLLVSS = VSSQ = AVSS =
AVREFV
SS = 0 V, Ta = −40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com