Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 332Page - Renesas Technology Corp H8/3022 Datasheet HTML 333Page - Renesas Technology Corp H8/3022 Datasheet HTML 334Page - Renesas Technology Corp H8/3022 Datasheet HTML 335Page - Renesas Technology Corp H8/3022 Datasheet HTML 336Page - Renesas Technology Corp H8/3022 Datasheet HTML 337Page - Renesas Technology Corp H8/3022 Datasheet HTML 338Page - Renesas Technology Corp H8/3022 Datasheet HTML 339Page - Renesas Technology Corp H8/3022 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 312 of 684
REJ09B0352-0200
9.4
Usage Notes
9.4.1
Operation of TPC Output Pins
TP
0 to TP15* are multiplexed with ITU pin functions. When ITU output is enabled, the
corresponding pins cannot be used for TPC output. The data transfer from NDR bits to DR bits
takes place, however, regardless of the usage of the pin.
Pin functions should be changed only under conditions in which the output trigger event will not
occur.
Note: * Since this LSI does not have a TP
14 pin, the TP14 signal cannot be output to the
outside.
9.4.2
Note on Non-Overlapping Output
During non-overlapping operation, the transfer of NDR bit values to DR bits takes place as
follows.
1. NDR bits are always transferred to DR bits at compare match A.
2. At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred
if their value is 1.
Figure 9.9 illustrates the non-overlapping TPC output operation.
DDR
NDER
QQ
TPC output pin
DR
NDR
C
QD
QD
Compare match A
Compare match B
Figure 9.9 Non-Overlapping TPC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com