Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 77Page - Renesas Technology Corp H8/3022 Datasheet HTML 78Page - Renesas Technology Corp H8/3022 Datasheet HTML 79Page - Renesas Technology Corp H8/3022 Datasheet HTML 80Page - Renesas Technology Corp H8/3022 Datasheet HTML 81Page - Renesas Technology Corp H8/3022 Datasheet HTML 82Page - Renesas Technology Corp H8/3022 Datasheet HTML 83Page - Renesas Technology Corp H8/3022 Datasheet HTML 84Page - Renesas Technology Corp H8/3022 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 712 page
background image
3. MCU Operating Modes
Rev.2.00 Mar. 22, 2007 Page 57 of 684
REJ09B0352-0200
Section 3 MCU Operating Modes
3.1
Overview
3.1.1
Operating Mode Selection
The H8/3022 Group has five operating modes (modes 1, 3, 5 to7) that are selected by the mode
pins (MD
2 and MD0) as indicated in table 3.1. The input at these pins determines expanded mode
or single-chip mode.
Table 3.1
Operating Mode Selection
Mode Pins
Description
Operating
Mode
MD
2
MD
1
MD
0
Address Space
Initial Bus
Mode*
1
On-Chip
ROM
On-Chip
RAM
—
0
0
0
—
—
—
—
Mode 1
0
0
1
Expanded mode
8 bits
Disabled
Enabled*
1
Mode 2
0
1
0
—
—
—
—
Mode 3
0
1
1
Expanded mode
8 bits
Disabled
Enabled*
1
Mode 4
1
0
0
—
—
—
—
Mode 5
1
0
1
Expanded mode
8 bits
Enabled
Enabled*
1
Mode 6
1
1
0
Expanded mode
8 bits
Enabled
Enabled*
1
Mode 7
1
1
1
Single-chip advanced
mode
—
Enabled
Enabled*
2
Notes: 1. If the RAM enable bit (RAME) in the system control register (SYSCR) is cleared to 0,
these addresses become external addresses.
2. In mode 7, clearing bit RAME in SYSCR to 0 and reading the on-chip RAM always
return H’FF, and write access is ignored. For details, see section 14.3, Operation.
For the address space size there are two choices: 1 Mbyte, or 16 Mbytes.
Modes 1 and 3 are on-chip ROM disable expanded modes capable of accessing external memory
and peripheral devices.
Mode 1 supports a maximum address space of 1 Mbyte. Mode 3 supports a maximum address
space of 16 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com