Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 21Page - Renesas Technology Corp H8/3022 Datasheet HTML 22Page - Renesas Technology Corp H8/3022 Datasheet HTML 23Page - Renesas Technology Corp H8/3022 Datasheet HTML 24Page - Renesas Technology Corp H8/3022 Datasheet HTML 25Page - Renesas Technology Corp H8/3022 Datasheet HTML 26Page - Renesas Technology Corp H8/3022 Datasheet HTML 27Page - Renesas Technology Corp H8/3022 Datasheet HTML 28Page - Renesas Technology Corp H8/3022 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 1 of 684
REJ09B0352-0200
Section 1 Overview
1.1
Overview
The H8/3022 Group comprises microcomputers (MCUs) that integrate system supporting
functions together with an H8/300H CPU core featuring an original Renesas Technology
architecture.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space. Its instruction set is upward-compatible at the object-code level with the H8/300 CPU,
enabling easy porting of software from the H8/300 Series.
The on-chip system supporting functions include ROM, RAM, a 16-bit integrated timer unit
(ITU), a programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial
communication interface (SCI), an A/D converter, I/O ports, and other facilities.
The H8/3022 Group consists of four models: the H8/3022 with 256 kbytes of ROM and 8 kbytes
of RAM, the H8/3021 with 192 kbytes of ROM and 8 kbytes of RAM, and the H8/3020 with 128
kbytes of ROM and 4 kbytes of RAM.
The five MCU operating modes offer a choice of expanded mode, single-chip mode and address
space size.
In addition to the masked-ROM version of the H8/3022 Group, an F-ZTAT* version with an on-
chip flash memory that can be freely programmed and reprogrammed by the user after the board is
installed is also available. This version enables users to respond quickly and flexibly to changing
application specifications, growing production volumes, and other conditions.
Table 1.1 summarizes the features of the H8/3022 Group.
Note: * F-ZTAT (Flexible ZTAT) is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com