Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 23Page - Renesas Technology Corp H8/3022 Datasheet HTML 24Page - Renesas Technology Corp H8/3022 Datasheet HTML 25Page - Renesas Technology Corp H8/3022 Datasheet HTML 26Page - Renesas Technology Corp H8/3022 Datasheet HTML 27Page - Renesas Technology Corp H8/3022 Datasheet HTML 28Page - Renesas Technology Corp H8/3022 Datasheet HTML 29Page - Renesas Technology Corp H8/3022 Datasheet HTML 30Page - Renesas Technology Corp H8/3022 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 3 of 684
REJ09B0352-0200
Feature
Description
Bus controller
• Address space can be partitioned into eight areas, with independent bus
specifications in each area
• Two-state or three-state access selectable for each area
• Selection of four wait modes
16-bit integrated
timer unit (ITU)
• Five 16-bit timer channels, capable of processing up to 12 pulse outputs
or 10 pulse inputs
• 16-bit timer counter (channels 0 to 4)
• Two multiplexed output compare/input capture pins (channels 0 to 4)
• Operation can be synchronized (channels 0 to 4)
• PWM mode available (channels 0 to 4)
• Phase counting mode available (channel 2)
• Buffering available (channels 3 and 4)
• Reset-synchronized PWM mode available (channels 3 and 4)
• Complementary PWM mode available (channels 3 and 4)
• Maximum 15-bit pulse output, using ITU as time base
Programmable
timing pattern
controller (TPC)
• Up to three 4-bit pulse output groups and one 3-bit pulse output group
(or one 15-bit group, one 8-bit group, or one 7-bit group)
• Non-overlap mode available
• Reset signal can be generated by overflow
Watchdog timer
(WDT), 1 channel
• Reset signal can be output externally (However, not available with the F-
ZTAT version.)
• Usable as an interval timer
• Selection of asynchronous or synchronous mode
• Full duplex: can transmit and receive simultaneously
• On-chip baud-rate generator
Serial
communication
interface (SCI),
2 channels
• Smart card interface functions added (SCI0 only)
A/D converter
• Resolution: 10 bits
• Eight channels, with selection of single or scan mode
• Variable analog conversion voltage range
• Sample-and-hold function
• Can be externally triggered
I/O ports
• 55 input/output pins
• 8 input-only pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com