Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 403Page - Renesas Technology Corp H8/3022 Datasheet HTML 404Page - Renesas Technology Corp H8/3022 Datasheet HTML 405Page - Renesas Technology Corp H8/3022 Datasheet HTML 406Page - Renesas Technology Corp H8/3022 Datasheet HTML 407Page - Renesas Technology Corp H8/3022 Datasheet HTML 408Page - Renesas Technology Corp H8/3022 Datasheet HTML 409Page - Renesas Technology Corp H8/3022 Datasheet HTML 410Page - Renesas Technology Corp H8/3022 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 383 of 684
REJ09B0352-0200
Receiving Serial Data (Synchronous Mode): Figure 11.18 shows a sample flowchart for
receiving serial data and indicates the procedure to follow. When switching from asynchronous
mode to synchronous mode, make sure that the ORER, PER, and FER flags are cleared to 0. If the
FER or PER flag is set to 1 the RDRF flag will not be set and both transmitting and receiving will
be disabled.
Start receiving
Read RDRF flag in SSR
Read receive data
from RDR, and clear
RDRF flag to 0 in SSR
Read ORER flag in SSR
Clear RE bit to 0 in SCR
End
Error handling
(continued on next page)
1
4
5
No
Yes
Yes
No
Yes
3
1.
2., 3.
4.
5.
SCI initialization: the receive data function of
the RxD pin is selected automatically.
Receive error handling: if a receive error
occurs, read the ORER flag in SSR, then after
executing the necessary error handling, clear
the ORER flag to 0. Neither transmitting nor
receiving can resume while the ORER flag
remains set to 1.
SCI status check and receive data read: read
SSR, check that the RDRF flag is set to 1,
then read receive data from RDR and clear
the RDRF flag to 0. Notification that the RDRF
flag has changed from 0 to 1 can also be
given by the RXI interrupt.
To continue receiving serial data: check the
RDRF flag, read RDR, and clear the RDRF
flag to 0 before the MSB (bit 7) of the current
frame is received.
Initialize
No
RDRF = 1?
ORER = 1?
Finished
receiving?
2
Figure 11.18 Sample Flowchart for Serial Receiving (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com