Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 445Page - Renesas Technology Corp H8/3022 Datasheet HTML 446Page - Renesas Technology Corp H8/3022 Datasheet HTML 447Page - Renesas Technology Corp H8/3022 Datasheet HTML 448Page - Renesas Technology Corp H8/3022 Datasheet HTML 449Page - Renesas Technology Corp H8/3022 Datasheet HTML 450Page - Renesas Technology Corp H8/3022 Datasheet HTML 451Page - Renesas Technology Corp H8/3022 Datasheet HTML 452Page - Renesas Technology Corp H8/3022 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 425 of 684
REJ09B0352-0200
Bit 7—A/D End Flag (ADF): Indicates the end of A/D conversion.
Bit 7
ADF
Description
0
[Clearing condition]
(Initial value)
Cleared by reading ADF while ADF = 1, then writing 0 in ADF
1
[Setting conditions]
Single mode: A/D conversion ends
Scan mode: A/D conversion ends in all selected channels
Bit 6—A/D Interrupt Enable (ADIE): Enables or disables the interrupt (ADI) requested at the
end of A/D conversion.
Bit 6
ADIE
Description
0
A/D end interrupt request (ADI) is disabled
(Initial value)
1
A/D end interrupt request (ADI) is enabled
Bit 5—A/D Start (ADST): Starts or stops A/D conversion. The ADST bit remains set to 1 during
A/D conversion. It can also be set to 1 by external trigger input at the
ADTRG pin.
Bit 5
ADST
Description
0
A/D conversion is stopped
(Initial value)
1
Single mode: A/D conversion starts; ADST is automatically cleared to 0 when
conversion
ends.
Scan mode: A/D conversion starts and continues, cycling among the selected channels,
until ADST is cleared to 0 by software, by a reset, or by a transition to standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com