Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 125Page - Renesas Technology Corp H8/3022 Datasheet HTML 126Page - Renesas Technology Corp H8/3022 Datasheet HTML 127Page - Renesas Technology Corp H8/3022 Datasheet HTML 128Page - Renesas Technology Corp H8/3022 Datasheet HTML 129Page - Renesas Technology Corp H8/3022 Datasheet HTML 130Page - Renesas Technology Corp H8/3022 Datasheet HTML 131Page - Renesas Technology Corp H8/3022 Datasheet HTML 132Page - Renesas Technology Corp H8/3022 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 105 of 684
REJ09B0352-0200
2
Generation conditions
(1) A read of the ISR register is executed to clear the IRQaF flag while it is set to 1, then the
IRQbF flag is cleared by the execution of interrupt exception handling.
(2) When the IRQaF flag is cleared, there is contention with IRQb generation (IRQaF flag setting).
(IRQbF was 0 when ISR was read to clear the IRQaF flag, but IRQbF is set to 1 before ISR is
written to.)
If the above setting conditions (1) to (3) and generation conditions (1) and (2) are all fulfilled,
when the ISR write in generation condition (2) is performed the IRQbF flag will be cleared
inadvertently, and interrupt exception handling will not be executed.
However, this inadvertent clearing of the IRQbF flag will not occur if 0 is written to this flag even
once between generation conditions (1) and (2).
1 read 0 written
1 read
1
written
1 read 0 written
0 read
0
written
IRQb
executed
Generation condition (1)
Generation condition (2)
(Inadvertent clearing)
IRQaF
IRQbF
Figure 5.9 IRQnF Flag when Interrupt Exception Handling is not Executed
Either of the methods shown following should be used to prevent this problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com