Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 130Page - Renesas Technology Corp H8/3022 Datasheet HTML 131Page - Renesas Technology Corp H8/3022 Datasheet HTML 132Page - Renesas Technology Corp H8/3022 Datasheet HTML 133Page - Renesas Technology Corp H8/3022 Datasheet HTML 134Page - Renesas Technology Corp H8/3022 Datasheet HTML 135Page - Renesas Technology Corp H8/3022 Datasheet HTML 136Page - Renesas Technology Corp H8/3022 Datasheet HTML 137Page - Renesas Technology Corp H8/3022 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 110 of 684
REJ09B0352-0200
6.2
Register Descriptions
6.2.1
Access State Control Register (ASTCR)
ASTCR is an 8-bit readable/writable register that selects whether each area is accessed in two
states or three states.
Bit
Initial value
Read/Write
7
AST7
1
R/W
6
AST6
1
R/W
5
AST5
1
R/W
4
AST4
1
R/W
3
AST3
1
R/W
0
AST0
1
R/W
2
AST2
1
R/W
1
AST1
1
R/W
Bits selecting number of states for access to each area
ASTCR is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 0—Area 7 to 0 Access State Control (AST7 to AST0): These bits select whether the
corresponding area is accessed in two or three states.
Bits 7 to 0
AST7 to AST0
Description
0
Areas 7 to 0 are accessed in two states
1
Areas 7 to 0 are accessed in three states
(Initial value)
ASTCR specifies the number of states in which external areas are accessed. On-chip memory and
registers are accessed in a fixed number of states that does not depend on ASTCR settings.
Therefore, in the single-chip mode (mode 7), the set value is meaningless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com