Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 166Page - Renesas Technology Corp H8/3022 Datasheet HTML 167Page - Renesas Technology Corp H8/3022 Datasheet HTML 168Page - Renesas Technology Corp H8/3022 Datasheet HTML 169Page - Renesas Technology Corp H8/3022 Datasheet HTML 170Page - Renesas Technology Corp H8/3022 Datasheet HTML 171Page - Renesas Technology Corp H8/3022 Datasheet HTML 172Page - Renesas Technology Corp H8/3022 Datasheet HTML 173Page - Renesas Technology Corp H8/3022 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 146 of 684
REJ09B0352-0200
7.5
Port 5
7.5.1
Overview
Port 5 is a 4-bit input/output port with the pin configuration shown in figure 7.12. The pin
functions differ depending on the operating mode.
In modes 1, 3 (expanded modes with on-chip ROM disabled), port 5 consists of address output
pins (A
19 to A16). In modes 5 and 6 (expanded modes with on-chip ROM enabled), settings in the
port 5 data direction register (P5DDR) designate pins for address bus output (A
19 to A16) or generic
input. In mode 7 (single-chip mode), port 5 is a generic input/output port.
Port 5 has software-programmable built-in pull-up transistors. Port 5 can drive one TTL load and a
90-pF capacitive load. They can also drive an LED or a Darlington transistor pair.
Port 5
P5 /A
P5 /A
P5 /A
P5 /A
3
2
1
0
19
18
17
16
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
P5 (input)/A
(output)
P5 (input)/A
(output)
P5 (input)/A
(output)
P5 (input)/A
(output)
3
2
1
0
Port 5
pins
Modes 1, 3
Modes 5 and 6
P5 (input/output)
P5 (input/output)
P5 (input/output)
P5 (input/output)
3
2
1
0
Mode 7
19
18
17
16
Figure 7.12 Port 5 Pin Configuration
7.5.2
Register Descriptions
Table 7.6 summarizes the registers of port 5.
Table 7.6
Port 5 Registers
Initial Value
Address*
Name
Abbreviation
R/W
Modes 1 and 3
Modes 5 to 7
H'FFC8
Port 5 data
direction register
P5DDR
W
H'FF
H'F0
H'FFCA
Port 5 data
register
P5DR
R/W
H'F0
H'F0
H'FFDB
Port 5 input pull-up
control register
P5PCR
R/W
H'F0
H'F0
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com