Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 205Page - Renesas Technology Corp H8/3022 Datasheet HTML 206Page - Renesas Technology Corp H8/3022 Datasheet HTML 207Page - Renesas Technology Corp H8/3022 Datasheet HTML 208Page - Renesas Technology Corp H8/3022 Datasheet HTML 209Page - Renesas Technology Corp H8/3022 Datasheet HTML 210Page - Renesas Technology Corp H8/3022 Datasheet HTML 211Page - Renesas Technology Corp H8/3022 Datasheet HTML 212Page - Renesas Technology Corp H8/3022 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 185 of 684
REJ09B0352-0200
Section 8 16-Bit Integrated Timer Unit (ITU)
8.1
Overview
The H8/3022 Group has a built-in 16-bit integrated timer unit (ITU) with five 16-bit timer
channels.
8.1.1
Features
ITU features are listed below.
• Capability to process up to 12 pulse outputs or 10 pulse inputs
• Ten general registers (GRs, two per channel) with independently-assignable output compare or
input capture functions
• Selection of eight counter clock sources for each channel:
Internal clocks:
φ, φ/2, φ/4, φ/8
External clocks: TCLKA, TCLKB, TCLKC, TCLKD
• Five operating modes selectable in all channels:
⎯ Waveform output by compare match
Selection of 0 output, 1 output, or toggle output (only 0 or 1 output in channel 2)
⎯ Input capture function
Rising edge, falling edge, or both edges (selectable)
⎯ Counter clearing function
Counters can be cleared by compare match or input capture
⎯ Synchronization
Two or more timer counters (TCNTs) can be preset simultaneously, or cleared
simultaneously by compare match or input capture. Counter synchronization enables
synchronous register input and output.
⎯ PWM mode
PWM output can be provided with an arbitrary duty cycle. With synchronization, up to
five-phase PWM output is possible
• Phase counting mode selectable in channel 2
Two-phase encoder output can be counted automatically.
• Three additional modes selectable in channels 3 and 4
⎯ Reset-synchronized PWM mode
If channels 3 and 4 are combined, three-phase PWM output is possible with three pairs of
complementary waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com