Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 276Page - Renesas Technology Corp H8/3022 Datasheet HTML 277Page - Renesas Technology Corp H8/3022 Datasheet HTML 278Page - Renesas Technology Corp H8/3022 Datasheet HTML 279Page - Renesas Technology Corp H8/3022 Datasheet HTML 280Page - Renesas Technology Corp H8/3022 Datasheet HTML 281Page - Renesas Technology Corp H8/3022 Datasheet HTML 282Page - Renesas Technology Corp H8/3022 Datasheet HTML 283Page - Renesas Technology Corp H8/3022 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 256 of 684
REJ09B0352-0200
8.4.7
Phase Counting Mode
In phase counting mode the phase difference between two external clock inputs (at the TCLKA
and TCLKB pins) is detected, and TCNT2 counts up or down accordingly.
In phase counting mode, the TCLKA and TCLKB pins automatically function as external clock
input pins and TCNT2 becomes an up/down-counter, regardless of the settings of bits TPSC2 to
TPSC0, CKEG1, and CKEG0 in TCR2. Settings of bits CCLR1, CCLR0 in TCR2, and settings in
TIOR2, TIER2, TSR2, GRA2, and GRB2 are valid. The input capture and output compare
functions can be used, and interrupts can be generated.
Phase counting is available only in channel 2.
Sample Setup Procedure for Phase Counting Mode: Figure 8.43 shows a sample procedure for
setting up phase counting mode.
Phase counting mode
Select phase counting mode
Select flag setting condition
Start counter
1
2
3
Phase counting mode
1.
2.
3.
Set the MDF bit in TMDR to 1 to select
phase counting mode.
Select the flag setting condition with
the FDIR bit in TMDR.
Set the STR2 bit to 1 in TSTR to start
the timer counter.
Figure 8.43 Setup Procedure for Phase Counting Mode (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com