Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 285Page - Renesas Technology Corp H8/3022 Datasheet HTML 286Page - Renesas Technology Corp H8/3022 Datasheet HTML 287Page - Renesas Technology Corp H8/3022 Datasheet HTML 288Page - Renesas Technology Corp H8/3022 Datasheet HTML 289Page - Renesas Technology Corp H8/3022 Datasheet HTML 290Page - Renesas Technology Corp H8/3022 Datasheet HTML 291Page - Renesas Technology Corp H8/3022 Datasheet HTML 292Page - Renesas Technology Corp H8/3022 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 265 of 684
REJ09B0352-0200
8.4.9
ITU Output Timing
The ITU outputs from channels 3 and 4 can be disabled by bit settings in TOER or by an external
trigger, or inverted by bit settings in TOCR.
Timing of Enabling and Disabling of ITU Output by TOER: In this example an ITU output is
disabled by clearing a master enable bit to 0 in TOER. An arbitrary value can be output by
appropriate settings of the data register (DR) and data direction register (DDR) of the
corresponding input/output port. Figure 8.54 illustrates the timing of the enabling and disabling of
ITU output by TOER.
φ
Address
TOER
ITU output pin
TOER address
Timer output
I/O port
Generic input/output
ITU output
T1
T2
T3
Figure 8.54 Timing of Disabling of ITU Output by Writing to TOER (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com