Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 298Page - Renesas Technology Corp H8/3022 Datasheet HTML 299Page - Renesas Technology Corp H8/3022 Datasheet HTML 300Page - Renesas Technology Corp H8/3022 Datasheet HTML 301Page - Renesas Technology Corp H8/3022 Datasheet HTML 302Page - Renesas Technology Corp H8/3022 Datasheet HTML 303Page - Renesas Technology Corp H8/3022 Datasheet HTML 304Page - Renesas Technology Corp H8/3022 Datasheet HTML 305Page - Renesas Technology Corp H8/3022 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 278 of 684
REJ09B0352-0200
Contention between General Register Write and Input Capture: If an input capture signal
occurs in the T
3 state of a general register write cycle, input capture takes priority and the write to
the general register is not performed. See figure 8.68.
φ
Address
Internal write signal
Input capture signal
TCNT
GR
M
GR address
General register write cycle
T1
T2
T3
M
Figure 8.68 Contention between General Register Write and Input Capture
Note on Waveform Period Setting: When a counter is cleared by compare match, the counter is
cleared in the last state at which the TCNT value matches the general register value, at the time
when this value would normally be updated to the next count. The actual counter frequency is
therefore given by the following formula:
φ
f =
(N + 1)
(f: counter frequency.
φ: system clock frequency. N: value set in general register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com