| Electronic Components Datasheet Search |
|
H8/3021 Datasheet(PDF) 597 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Datasheet(HTML) 597 Page - Renesas Technology Corp |
|
597 / 712 page ![]() Appendix A. Instruction Set Rev.2.00 Mar. 22, 2007 Page 573 of 684 REJ09B0352-0200 8. Block transfer instructions Condition Code Mnemonic Operation I H N Z V C EEPMOV. B — if R4L ≠ 0 then 4 —————— 8+4n*2 repeat @R5 → @R6 R5+1 → R5 R6+1 → R6 R4L–1 → R4L until R4L=0 else next; EEPMOV. W — if R4 ≠ 0 then 4 —————— 8+4n*2 repeat @R5 → @R6 R5+1 → R5 R6+1 → R6 R4–1 → R4 until R4=0 else next; Addressing Mode and Instruction Length (bytes) No. of States *1 Notes: 1. The number of states is the number of states required for execution when the instruction and its operands are located in on-chip memory. For other cases see section A.3, Number of States Required for Execution. 2. n is the value set in register R4L or R4. (1) Set to 1 when a carry or borrow occurs at bit 11; otherwise cleared to 0. (2) Set to 1 when a carry or borrow occurs at bit 27; otherwise cleared to 0. (3) Retains its previous value when the result is zero; otherwise cleared to 0. (4) Set to 1 when the adjustment produces a carry; otherwise retains its previous value. (5) The number of states required for execution of an instruction that transfers data in synchronization with the E clock is variable. (6) Set to 1 when the divisor is negative; otherwise cleared to 0. (7) Set to 1 when the divisor is zero; otherwise cleared to 0. (8) Set to 1 when the quotient is negative; otherwise cleared to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |