| Electronic Components Datasheet Search |
|
H8/3021 Datasheet(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Datasheet(HTML) 154 Page - Renesas Technology Corp |
|
154 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 130 of 684 REJ09B0352-0200 Table 7.1 Port Functions Port Description Pins Mode 1 Mode 3 Mode 5 Mode 6 Mode 7 Port 1 • 8-bit I/O port • Can drive LEDs P1 7 to P10/ A 7 to A0 Address output pins (A 7 to A0) Address output (A 7 to A 0) and generic input DDR = 0: generic input DDR = 1: address output Generic input/ output Port 2 • 8-bit I/O port • Input pull- up • Can drive LEDs P2 7 to P20/ A 15 to A8 Address output pins (A 15 to A8) Address output (A 15 to A 8) and generic input DDR = 0: generic input DDR = 1: address output Generic input/ output Port 3 • 8-bit I/O port P3 7 to P30/ D 7 to D0 Data input/output (D 7 to D0) Generic input/ output Port 5 • 4-bit I/O port • Input pull- up • Can drive LEDs P5 3 to P50/ A 19 to A16 Address output (A 19 to A16) Address output (A 19 to A 16) and 4-bit generic input DDR = 0: generic input DDR = 1: address output Generic input/ output Port 6 • 4-bit I/O port P6 5/WR, P6 4/RD, P6 3/AS Bus control signal output ( WR, RD, AS) Generic input/ output P6 0/WAIT Bus control signal input/output ( WAIT) and 1- bit generic input/output Port 7 • 8-bit Input port P7 7 to P70/ AN 7 to AN0 Analog input (AN 7 to AN0) to A/D converter, and generic input Port 8 • 2-bit I/O port • P8 1 and P8 0have Schmitt inputs P8 1/ IRQ1 IRQ 1 input and 1-bit generic input P8 0/IRQ0 IRQ 0 input and 1-bit generic input/output IRQ 1 and IRQ 0 input and generic input/ output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |