Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 328Page - Renesas Technology Corp H8/3002 Datasheet HTML 329Page - Renesas Technology Corp H8/3002 Datasheet HTML 330Page - Renesas Technology Corp H8/3002 Datasheet HTML 331Page - Renesas Technology Corp H8/3002 Datasheet HTML 332Page - Renesas Technology Corp H8/3002 Datasheet HTML 333Page - Renesas Technology Corp H8/3002 Datasheet HTML 334Page - Renesas Technology Corp H8/3002 Datasheet HTML 335Page - Renesas Technology Corp H8/3002 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 700 page
background image
Buffering :
•
If the general register is an output compare register
When compare match occurs the buffer register value is transferred to the general register.
•
If the general register is an input capture register
When input capture occurs the TCNT value is transferred to the general register, and the
previous general register value is transferred to the buffer register.
•
Complementary PWM mode
The buffer register value is transferred to the general register when TCNT3 and TCNT4
change counting direction.
•
Reset-synchronized PWM mode
The buffer register value is transferred to the general register at GRA3 compare match.
10.4.2 Basic Functions
Counter Operation: When one of bits STR0 to STR4 is set to 1 in the timer start register
(TSTR), the timer counter (TCNT) in the corresponding channel starts counting. The counting can
be free-running or periodic.
•
Sample setup procedure for counter
Figure 10-14 shows a sample procedure for setting up a counter.
318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com