Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 96Page - Renesas Technology Corp H8/3002 Datasheet HTML 97Page - Renesas Technology Corp H8/3002 Datasheet HTML 98Page - Renesas Technology Corp H8/3002 Datasheet HTML 99Page - Renesas Technology Corp H8/3002 Datasheet HTML 100Page - Renesas Technology Corp H8/3002 Datasheet HTML 101Page - Renesas Technology Corp H8/3002 Datasheet HTML 102Page - Renesas Technology Corp H8/3002 Datasheet HTML 103Page - Renesas Technology Corp H8/3002 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 700 page
background image
5.2.4 IRQ Enable Register (IER)
IER is an 8-bit readable/writable register that enables or disables IRQ0 to IRQ5 interrupt requests.
IER is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 6—Reserved: These bits can be written and read, but they do not enable or disable
interrupts.
Bits 5 to 0—IRQ5 to IRQ0 Enable (IRQ5E to IRQ0E): These bits enable or disable IRQ5 to
IRQ0 interrupts.
Bits 5 to 0
IRQ5E to IRQ0E
Description
0
IRQ5 to IRQ0 interrupts are disabled
(Initial value)
1
IRQ5 to IRQ0 interrupts are enabled
Bit
Initial value
Read/Write
7
—
0
R/W
These bits enable or disable IRQ to IRQ interrupts
6
—
0
R/W
5
IRQ5E
0
R/W
4
IRQ4E
0
R/W
3
IRQ3E
0
R/W
2
IRQ2E
0
R/W
1
IRQ1E
0
R/W
0
IRQ0E
0
R/W
50
IRQ to IRQ enable
50
Reserved bits
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com