| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 103 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 103 Page - Renesas Technology Corp |
|
103 / 700 page ![]() Figure 5-3 shows the timing of the setting of the interrupt flags (IRQnF). Figure 5-3 Timing of Setting of IRQnF Interrupts IRQ0 to IRQ5 have vector numbers 12 to 17. These interrupts are detected regardless of whether the corresponding pin is set for input or output. When using a pin for external interrupt input, clear its DDR bit to 0 and do not use the pin for chip select output, refresh output, or SCI input or output. 5.3.2 Internal Interrupts Thirty internal interrupts are requested from the on-chip supporting modules. • Each on-chip supporting module has status flags for indicating interrupt status, and enable bits for enabling or disabling interrupts. • Interrupt priority levels can be assigned in IPRA and IPRB. • ITU and SCI interrupt requests can activate the DMAC, in which case no interrupt request is sent to the interrupt controller, and the I and UI bits are disregarded. 5.3.3 Interrupt Vector Table Table 5-3 lists the interrupt sources, their vector addresses, and their default priority order. In the default priority order, smaller vector numbers have higher priority. The priority of interrupts other than NMI can be changed in IPRA and IPRB. The priority order after a reset is the default order shown in table 5-3. ø IRQn IRQnF input pin Note: n = 5 to 0 88 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |