Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 345Page - Renesas Technology Corp H8/3002 Datasheet HTML 346Page - Renesas Technology Corp H8/3002 Datasheet HTML 347Page - Renesas Technology Corp H8/3002 Datasheet HTML 348Page - Renesas Technology Corp H8/3002 Datasheet HTML 349Page - Renesas Technology Corp H8/3002 Datasheet HTML 350Page - Renesas Technology Corp H8/3002 Datasheet HTML 351Page - Renesas Technology Corp H8/3002 Datasheet HTML 352Page - Renesas Technology Corp H8/3002 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 700 page
background image
Sample Setup Procedure for Reset-Synchronized PWM Mode: Figure 10-31 shows a sample
procedure for setting up reset-synchronized PWM mode.
Figure 10-31 Setup Procedure for Reset-Synchronized PWM Mode (Example)
Reset-synchronized PWM mode
1. Clear the STR3 bit in TSTR to 0 to
halt TCNT3. Reset-synchronized
PWM mode must be set up while
TCNT3 is halted.
Reset-synchronized PWM mode
Stop counter
1
Select counter clock
2
Select counter clear source
3
Select reset-synchronized
PWM mode
4
Set TCNT
5
Set general registers
6
2. Set bits TPSC2 to TPSC0 in TCR to
select the counter clock source for
channel 3. If an external clock source
is selected, select the external clock
edge(s) with bits CKEG1 and CKEG0
in TCR.
3. Set bits CCLR1 and CCLR0 in TCR3
to select GRA3 compare match as
the counter clear source.
4. Set bits CMD1 and CMD0 in TFCR to
select reset-synchronized PWM mode.
TIOCA3, TIOCB3, TIOCA4, TIOCB4,
TOCXA4, and TOCXB4 automatically
become PWM output pins.
5. Preset TCNT3 to H'0000. TCNT4
need not be preset.
Start counter
7
6. GRA3 is the waveform period register.
Set the waveform period value in
GRA3. Set transition times of the
PWM output waveforms in GRB3,
GRA4, and GRB4. Set times within
the compare match range of TCNT3.
X
GRA3 (X: setting value)
≤
7. Set the STR3 bit in TSTR to 1 to start
TCNT3.
335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com