Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 360Page - Renesas Technology Corp H8/3002 Datasheet HTML 361Page - Renesas Technology Corp H8/3002 Datasheet HTML 362Page - Renesas Technology Corp H8/3002 Datasheet HTML 363Page - Renesas Technology Corp H8/3002 Datasheet HTML 364Page - Renesas Technology Corp H8/3002 Datasheet HTML 365Page - Renesas Technology Corp H8/3002 Datasheet HTML 366Page - Renesas Technology Corp H8/3002 Datasheet HTML 367Page - Renesas Technology Corp H8/3002 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 700 page
background image
•
Complementary PWM mode
The buffer register value is transferred to the general register when TCNT3 and TCNT4
change counting direction. This occurs at the following two times:
— When TCNT3 matches GRA3
— When TCNT4 underflows
•
Reset-synchronized PWM mode
The buffer register value is transferred to the general register at compare match A3.
Sample Buffering Setup Procedure: Figure 10-48 shows a sample buffering setup procedure.
Figure 10-48 Buffering Setup Procedure (Example)
Buffering
Select general register functions
Set buffer bits
Start counters
Buffered operation
11.
2.
3.
2
3
Set TIOR to select the output compare or input
capture function of the general registers.
Set bits BFA3, BFA4, BFB3, and BFB4 in TFCR
to select buffering of the required general registers.
Set the STR bits to 1 in TSTR to start the timer
counters.
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com