Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 367Page - Renesas Technology Corp H8/3002 Datasheet HTML 368Page - Renesas Technology Corp H8/3002 Datasheet HTML 369Page - Renesas Technology Corp H8/3002 Datasheet HTML 370Page - Renesas Technology Corp H8/3002 Datasheet HTML 371Page - Renesas Technology Corp H8/3002 Datasheet HTML 372Page - Renesas Technology Corp H8/3002 Datasheet HTML 373Page - Renesas Technology Corp H8/3002 Datasheet HTML 374Page - Renesas Technology Corp H8/3002 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 700 page
background image
Timing of Disabling of ITU Output by External Trigger: If the XTGD bit is cleared to 0 in
TOCR in reset-synchronized PWM mode or complementary PWM mode, when an input capture
A signal occurs in channel 1, the master enable bits are cleared to 0 in TOER, disabling ITU
output. Figure 10-55 shows the timing.
Figure 10-55 Timing of Disabling of ITU Output by External Trigger (Example)
Timing of Output Inversion by TOCR: The output levels in reset-synchronized PWM mode and
complementary PWM mode can be inverted by inverting the output level select bits (OLS4 and
OLS3) in TOCR. Figure 10-56 shows the timing.
Figure 10-56 Timing of Inverting of ITU Output Level by Writing to TOCR (Example)
ø
TIOCA1 pin
TOER
ITU output
I/O port
ITU output
I/O port
Generic
input/output
Generic
input/output
ITU output
ITU output
Input capture
signal
ITU output
pins
NN
H'C0
H'C0
N: Arbitrary setting (H'C1 to H'FF)
ø
Address
TOCR
ITU output pin
TOCR address
Inverted
T
1
T
2
T
3
357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com