Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 409Page - Renesas Technology Corp H8/3002 Datasheet HTML 410Page - Renesas Technology Corp H8/3002 Datasheet HTML 411Page - Renesas Technology Corp H8/3002 Datasheet HTML 412Page - Renesas Technology Corp H8/3002 Datasheet HTML 413Page - Renesas Technology Corp H8/3002 Datasheet HTML 414Page - Renesas Technology Corp H8/3002 Datasheet HTML 415Page - Renesas Technology Corp H8/3002 Datasheet HTML 416Page - Renesas Technology Corp H8/3002 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 700 page
background image
Example of Non-Overlapping TPC Output (Example of Four-Phase Complementary Non-
Overlapping Output): Figure 11-7 shows an example of the use of TPC output for four-phase
complementary non-overlapping pulse output.
Figure 11-7 Non-Overlapping TPC Output Example (Four-Phase Complementary
Non-Overlapping Pulse Output)
GRB
H'0000
NDRB
PBDR
TP15
TP14
TP13
TP12
TP11
TP10
TP9
TP8
Time
95
00
65
95
59
56
95
65
05
65
41
59
50
56
14
95
05
65
TCNT
period is set in GRB. The non-overlap margin is set in GRA. The IMIEA bit is set to 1 in TIER to enable
IMFA interrupts.
TCNT value
Non-overlap margin
The ITU channel to be used as the output trigger channel is set up so that GRA and GRB are output
compare registers and the counter will be cleared by compare match B. The TPC output trigger
•
•
•
•
The timer counter in this ITU channel is started. When compare match B occurs, outputs change from
1 to 0. When compare match A occurs, outputs change from 0 to 1 (the change from 0 to 1 is delayed
by the value of GRA). The IMFA interrupt service routine writes the next output data (H'65) in NDRB.
Four-phase complementary non-overlapping pulse output can be obtained by writing H'59, H'56, H'95…
at successive IMFA interrupts. If the DMAC is set for activation by this interrupt, pulse output can be
obtained without loading the CPU.
GRA
H'FF is written in PBDDR and NDERB, and bits G3CMS1, G3CMS0, G2CMS1, and G2CMS0 are set in
TPCR to select compare match in the ITU channel set up in step 1 as the output trigger. Bits G3NOV
and G2NOV are set to 1 in TPMR to select non-overlapping output. Output data H'95 is written in NDRB.
399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com