Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 434Page - Renesas Technology Corp H8/3002 Datasheet HTML 435Page - Renesas Technology Corp H8/3002 Datasheet HTML 436Page - Renesas Technology Corp H8/3002 Datasheet HTML 437Page - Renesas Technology Corp H8/3002 Datasheet HTML 438Page - Renesas Technology Corp H8/3002 Datasheet HTML 439Page - Renesas Technology Corp H8/3002 Datasheet HTML 440Page - Renesas Technology Corp H8/3002 Datasheet HTML 441Page - Renesas Technology Corp H8/3002 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 700 page
background image
13.2.3 Transmit Shift Register (TSR)
TSR is the register that transmits serial data.
The SCI loads transmit data from TDR into TSR, then transmits the data serially from the TxD
pin, LSB (bit 0) first. After transmitting one data byte, the SCI automatically loads the next
transmit data from TDR into TSR and starts transmitting it. If the TDRE flag is set to 1 in SSR,
however, the SCI does not load the TDR contents into TSR. The CPU cannot read or write TSR
directly.
13.2.4 Transmit Data Register (TDR)
TDR is an 8-bit register that stores data for serial transmission.
When the SCI detects that TSR is empty, it moves transmit data written in TDR from TDR into
TSR and starts serial transmission. Continuous serial transmission is possible by writing the next
transmit data in TDR during serial transmission from TSR.
The CPU can always read and write TDR. TDR is initialized to H'FF by a reset and in standby
mode.
Bit
Initial value
Read/Write
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Initial value
Read/Write
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com