Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 439Page - Renesas Technology Corp H8/3002 Datasheet HTML 440Page - Renesas Technology Corp H8/3002 Datasheet HTML 441Page - Renesas Technology Corp H8/3002 Datasheet HTML 442Page - Renesas Technology Corp H8/3002 Datasheet HTML 443Page - Renesas Technology Corp H8/3002 Datasheet HTML 444Page - Renesas Technology Corp H8/3002 Datasheet HTML 445Page - Renesas Technology Corp H8/3002 Datasheet HTML 446Page - Renesas Technology Corp H8/3002 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 700 page
background image
13.2.6 Serial Control Register (SCR)
SCR enables the SCI transmitter and receiver, enables or disables serial clock output in
asynchronous mode, enables or disables interrupts, and selects the transmit/receive clock source.
The CPU can always read and write SCR. SCR is initialized to H'00 by a reset and in standby
mode.
Bit
Initial value
Read/Write
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Transmit interrupt enable
Enables or disables transmit-data-empty interrupts (TXI)
Clock enable 1/0
These bits select the
SCI clock source
Receive interrupt enable
Enables or disables receive-data-full interrupts (RXI) and
receive-error interrupts (ERI)
Transmit enable
Enables or disables the transmitter
Receive enable
Enables or disables the receiver
Multiprocessor interrupt enable
Enables or disables multiprocessor
interrupts
Transmit end interrupt enable
Enables or disables transmit-
end interrupts (TEI)
429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com