Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 447Page - Renesas Technology Corp H8/3002 Datasheet HTML 448Page - Renesas Technology Corp H8/3002 Datasheet HTML 449Page - Renesas Technology Corp H8/3002 Datasheet HTML 450Page - Renesas Technology Corp H8/3002 Datasheet HTML 451Page - Renesas Technology Corp H8/3002 Datasheet HTML 452Page - Renesas Technology Corp H8/3002 Datasheet HTML 453Page - Renesas Technology Corp H8/3002 Datasheet HTML 454Page - Renesas Technology Corp H8/3002 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 700 page
background image
Bit 1—Multiprocessor Bit (MPB): Stores the value of the multiprocessor bit in receive data
when a multiprocessor format is used in asynchronous mode. MPB is a read-only bit and cannot
be written.
Bit 1
MPB
Description
0
Multiprocessor bit value in receive data is 0*
(Initial value)
1
Multiprocessor bit value in receive data is 1
Note: * If the RE bit is cleared to 0 when a multiprocessor format is selected, MPB retains its
previous value.
Bit 0—Multiprocessor Bit Transfer (MPBT): Stores the value of the multiprocessor bit added to
transmit data when a multiprocessor format is selected for transmitting in asynchronous mode.
The MPBT setting is ignored in synchronous mode, when a multiprocessor format is not selected,
or when the SCI is not transmitting.
Bit 0
MPBT
Description
0
Multiprocessor bit value in transmit data is 0
(Initial value)
1
Multiprocessor bit value in transmit data is 1
13.2.8 Bit Rate Register (BRR)
BRR is an 8-bit register that, together with the CKS1 and CKS0 bits in SMR that select the baud
rate generator clock source, determines the serial communication bit rate.
The CPU can always read and write BRR. BRR is initialized to H'FF by a reset and in standby
mode. The two SCI channels have independent baud rate generator control, so different values can
be set in the two channels.
Table 13-3 shows examples of BRR settings in asynchronous mode. Table 13-4 shows examples
of BRR settings in synchronous mode.
Bit
Initial value
Read/Write
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
437



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com