Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 176Page - Renesas Technology Corp H8/3002 Datasheet HTML 177Page - Renesas Technology Corp H8/3002 Datasheet HTML 178Page - Renesas Technology Corp H8/3002 Datasheet HTML 179Page - Renesas Technology Corp H8/3002 Datasheet HTML 180Page - Renesas Technology Corp H8/3002 Datasheet HTML 181Page - Renesas Technology Corp H8/3002 Datasheet HTML 182Page - Renesas Technology Corp H8/3002 Datasheet HTML 183Page - Renesas Technology Corp H8/3002 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 700 page
background image
Refresh Cycle Priority Order: When there are simultaneous bus requests, the priority order is:
(High)
External bus master > refresh controller > DMA controller > CPU
(Low)
For details see section 6.3.7, Bus Arbiter Operation.
Wait State Insertion: When bit AST3 is set to 1 in ASTCR, the wait state controller (WSC) can
insert wait states into bus cycles and refresh cycles. For details see section 6.3.5, Wait Modes.
Self-Refresh Mode: Some pseudo-static RAM devices have a self-refresh function. After the
SRFMD bit is set to 1 in RFSHCR, when a transition to software standby mode occurs, the
H8/3002’s CS3 output goes high and its RFSH output goes low so that the pseudo-static RAM
self-refresh function can be used. On exit from software standby mode, the
RFSH output goes
high.
Table 7-8 shows the pin states in software standby mode. Figure 7-16 shows the signal output
timing.
Table 7-8 Pin States in Software Standby Mode (2) (PSRAME = 1, DRAME = 0)
Software Standby Mode
Signal
SRFMD = 0
SRFMD = 1 (self-refresh mode)
CS3
High
High
RD
High-impedance
High-impedance
HWR
High-impedance
High-impedance
LWR
High-impedance
High-impedance
RFSH
High
Low
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com