Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 218Page - Renesas Technology Corp H8/3002 Datasheet HTML 219Page - Renesas Technology Corp H8/3002 Datasheet HTML 220Page - Renesas Technology Corp H8/3002 Datasheet HTML 221Page - Renesas Technology Corp H8/3002 Datasheet HTML 222Page - Renesas Technology Corp H8/3002 Datasheet HTML 223Page - Renesas Technology Corp H8/3002 Datasheet HTML 224Page - Renesas Technology Corp H8/3002 Datasheet HTML 225Page - Renesas Technology Corp H8/3002 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 700 page
background image
8.4.4 Repeat Mode
Repeat mode is useful for cyclically transferring a bit pattern from a table to the programmable
timing pattern controller (TPC) in synchronization, for example, with ITU compare match. Repeat
mode can be selected for each channel independently.
One byte or word is transferred per request in repeat mode, as in I/O mode. A designated number
of these transfers are executed. One address is specified in the memory address register (MAR),
the other in the I/O address register (IOAR). At the end of the designated number of transfers,
MAR and ETCR are restored to their original values and operation continues. The direction of
transfer is determined automatically from the activation source. The transfer is from the address
specified in IOAR to the address specified in MAR if activated by an SCI receive-data-full
interrupt, and from the address specified in MAR to the address specified in IOAR otherwise.
Table 8-8 indicates the register functions in repeat mode.
Table 8-8 Register Functions in Repeat Mode
Function
Activated by
SCI Receive-
Data-Full
Other
Register
Interrupt
Activation Initial Setting
Operation
Destination
Source
Destination or
Incremented or
address
address
source address decremented at
register
register
each transfer until
ETCRH reaches
H'0000, then restored
to initial value
Source
Destination Source or
Held fixed
address
address
destination
register
register
address
Transfer counter
Number of
Decremented once
transfers
per transfer unti
H'0000 is reached,
then reloaded from
ETCRL
Initial transfer count
Number of
Held fixed
transfers
Legend
MAR:
Memory address register
IOAR: I/O address register
ETCR: Execute transfer count register
23
0
MAR
All 1s
IOAR
23
0
70
ETCRH
7
70
ETCRL
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com