| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 252 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 252 Page - Renesas Technology Corp |
|
252 / 700 page ![]() 8.6.7 Memory and I/O Address Register Values Table 8-14 indicates the address ranges that can be specified in the memory and I/O address registers (MAR and IOAR). Table 8-14 Address Ranges Specifiable in MAR and IOAR 1-Mbyte Mode 16-Mbyte Mode MAR H'00000 to H'FFFFF H'000000 to H'FFFFFF (0 to 1048575) (0 to 16777215) IOAR H'FFF00 to H'FFFFF H'FFFF00 to H'FFFFFF (1048320 to 1048575) (16776960 to 16777215) Note: MAR bits 23 to 20 are ignored in 1-Mbyte mode. 8.6.8 Bus Cycle when Transfer is Aborted When a transfer is aborted by clearing the DTE bit or suspended by an NMI that clears the DTME bit, if this halts a channel for which the DMAC has a transfer request pending internally, a dead cycle may occur. This dead cycle does not update the halted channel’s address register or counter value. Figure 8-27 shows an example in which an auto-requested transfer in cycle-steal mode on channel 0 is aborted by clearing the DTE bit in channel 0. Figure 8-27 Bus Timing at Abort of DMA Transfer in Cycle-Steal Mode ø Address bus RD HWR, LWR CPU cycle DMAC cycle CPU cycle DMAC cycle CPU cycle DTE bit is cleared T1 T2 Td T1 T2 T1 T2 T1 T2 T3 Td Td T1 T2 238 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |