Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 279Page - Renesas Technology Corp H8/3002 Datasheet HTML 280Page - Renesas Technology Corp H8/3002 Datasheet HTML 281Page - Renesas Technology Corp H8/3002 Datasheet HTML 282Page - Renesas Technology Corp H8/3002 Datasheet HTML 283Page - Renesas Technology Corp H8/3002 Datasheet HTML 284Page - Renesas Technology Corp H8/3002 Datasheet HTML 285Page - Renesas Technology Corp H8/3002 Datasheet HTML 286Page - Renesas Technology Corp H8/3002 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 700 page
background image
9.8 Port B
9.8.1 Overview
Port B is an 8-bit input/output port that is also used for TPC output (TP15 to TP8), ITU
input/output (TIOCB4, TIOCB3, TIOCA4, TIOCA3), ITU output (TOCXB4, TOCXA4), DMAC
input (DREQ1, DREQ0), and ADTRG input to the A/D converter. Port B has the same set of pin
functions in all operating modes. Figure 9-9 shows the pin configuration of port B.
Pins in port B can drive one TTL load and a 30-pF capacitive load. They can also drive a LED or
a darlington transistor pair. Pins PB3 to PB0 have Schmitt-trigger inputs.
Figure 9-9 Port B Pin Configuration
9.8.2 Register Descriptions
Table 9-13 summarizes the registers of port B.
Table 9-13 Port B Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFD4
Port B data direction register
PBDDR
W
H'00
H'FFD6
Port B data register
PBDR
R/W
H'00
Note: * Lower 16 bits of the address.
Port B
PB (input/output)/TP
(output)/DREQ (input)/
(input)
PB (input/output)/TP
(output)/DREQ (input)
PB (input/output)/TP
(output)/TOCXB (output)
PB (input/output)/TP
(output)/TOCXA (output)
7
6
5
4
3
2
1
0
Port B pins
15
14
13
12
11
10
9
8
1
0
4
4
PB (input/output)/TP
(output)/TIOCB (input/output)
PB (input/output)/TP
(output)/TIOCA (input/output)
PB (input/output)/TP
(output)/TIOCB (input/output)
PB (input/output)/TP
(output)/TIOCA (input/output)
4
4
3
3
ADTRG
269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com